Part Number Hot Search : 
LC7931D KMM366 TVS5V 1H102MC IRS2505L NCL30080 2SK2968 1SMC85
Product Description
Full Text Search
 

To Download CBD20200VCTT010001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 august 21,2013-rev.00 cbd20200vct ultra low vf schottky rectifier voltage 200 volt 20 ampere features ? ultra low forward voltage drop, low power loss ? high efficiency operation ? lead free in compliance with eu rohs 2011/65/eu directive mechanical data case : to-220ab, plastic terminals : solderable per mil-std-750, method 2026 weight: 0.065 ounces, 1.859 grams. current maximum ratings(t a =25 o c unless otherwise noted) note : 1. mounted on infinite heatsink. parameter symbol value unit maximum repetitive peak reverse voltage v rrm 200 v maximum rms voltage v rms 140 v maximum dc blocking voltage v r 200 v maximum average forward rectified current per device per diode i f(av) 20 10 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load per diode i fsm 200 a typical thermal resistance per diode ( no te 1 ) r ? jc 2 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c
page . 2 august 21,2013-rev.00 cbd20200vct electrical characteristics(t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit breakdown voltage per diode v br i r =0.5ma 200 - - v instantaneous forward voltage per diode v f i f =3a i f =5a i f =10a t j =25 o c - - - 0.69 0.74 - - - 0.86 v i f =3a i f =5a t j =125 o c - - 0.54 0.59 - - v reverse current per diode i r v r =140v t j =25 o c- 2.5 - ? a v r =200v t j =25 o c t j =125 o c - - - 7 50 - ? a ma 0 2.5 5 7.5 10 12.5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.0001 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r ,reverse current (ma) percent of rated peak reverse voltage (%) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 11 01 0 0 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c per diode per diode per diode per diode
page . 3 august 21,2013-rev.00 cbd20200vct part no_packing code_version cbd20200vct_t0_00001 cbd20200vct_t0_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 4 august 21,2013-rev.00 cbd20200vct disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of CBD20200VCTT010001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X